Part Number Hot Search : 
NLAS9099 SMS03 R8ARA 780018Y IDTQS EL758306 F840LCL 40060
Product Description
Full Text Search
 

To Download MIMH302548AHM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIMH SERIES - 5 x 7 Ceramic Oscillator
5 x 7 Ceramic SMD 4 Pads Oscillator Wide Frequency Range -55C to +125C Operation RoHS Compliant
ELECTRICAL SPECIFICATIONS:
Frequency Range Freq Tolerance @ +25C Freq Stability (Inclusive of Temp., Load, Voltage, and Aging) Operating Temp Range Storage Temp. Range Supply Voltage (Vdd) Supply Current 1.500MHZ to 20.000MHZ 21.000MHZ to 50.000MHZ 51.000MHZ and above Waveform Logic "0" Logic "1" Symmetry (50% of wavefrom) Load Rise / Fall Time (20% to 80%) Start Time Tri-state Operation 1.500MHZ to 156.520MHZ 25ppm (See Part Number Guide for Options) (See Part Number Guide for Options) -55C to +125C +3.3 VDC 5% +5.0 VDC 5% 12 mA max 20 mA max 15 mA max 35 mA max 40 mA max 60 mA max HCMOS 10% Vdd max 90% Vdd min (See Part Number Guide for Options) 5 TTL Gates or 30pF Load max 10 TTL Gates or 50pF Load max 6 nSec max 10 mSec max Vih = 70% of Vdd min to Enable Output Vil = 30% max or grounded to Disable Output (High Impedance)
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS:
MARKING DETAILS:
Line 1 = MXXXXX M = MMD COMPONENTS XXXXX = Frequency in MHZ Line 2 = SYYMML S = Internal Code YYMM = 4 Digit Date Code (Year / Month) L = Denotes RoHS Compliant Line 3 = XXXXX Internal use only May vary with lots Black dot to denote Pin 1
Shock Vibration Reflow Solder Hermeticity Solderability
MIL-STD 883, Method 2002, Test Condition B MIL-STD 883, Method 2007, Test Condition B +160C for 120 sec max +260C for 10 sec. max MIL-STD 883, Method 1014, Test Condition C MIL-STD 883, Method 2003 (No Aging)
MECHANICAL DIMENSIONS:
7.20 [.283] MAX 1.70 [.067] MAX 5.08 [.200] 2.88 [.113] Pin Connections Pin 1 Tri-state or N/C Pin 2 Case Ground Pin 3 Output 2.00 [.079] Pin 4 Supply Voltage 2.20 [.087] Recommended Land Pattern
1.81 [.071] MARKING 5.20 [.205] MAX 3 2 4 1 2.60 [.102]
1.30 [.051] Dimension in Brackets are in Inches External Bypass Capacitor is Recommended
1.40 [.055]
PART NUMBERING GUIDE:
MIM 5 x 7 SMD 4 PADS H Frequency
Output H = HCMOS
Supply Voltage 3 = +3.3 VDC 5 = +5.0 VDC
Frequency Stability 025 = 25 ppm* 050 = 50 ppm 100 = 100 ppm
Operating Temperature Blank = 0C to +70C 48 = -40C to +85C 50 = -55C to +105C 55 = -55C to +125C
Symmetry Blank = 40/60% A = 45/55%
Pin 1 Connection Blank = N/C H = Tri-state
Special Specs M = 100% Screening over Temperature
Packaging Blank = Bulk T = Tape and Reel
Please Consult with MMD Sales Department for any other Parameters or Options *25 ppm between -40C to +85C only
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MIMH013108K


▲Up To Search▲   

 
Price & Availability of MIMH302548AHM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X